PART |
Description |
Maker |
NOM02A4-MW60G |
200DPI Ultra High-Speed Contact Image Sensor Module
|
ON Semiconductor
|
IA3004-CE10A |
Color image sensor head (300dpi) Contact Image Sensor Heads > IA-CE Series Image sensor heads for narrow-width scanners
|
Rohm CO.,LTD. ROHM[Rohm]
|
NOIL2SM1300A-GWC NOIL2SM1300A-GDC NOIL2SC1300A-GDC |
LUPA1300-2: High Speed CMOS Image Sensor
|
ON Semiconductor
|
C9016-2X C90.6-2X |
HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
|
Hamamatsu Corporation
|
CXA3691AEN |
High-speed Buffer Amplifier for CCD Image Sensor
|
Sony Corporation
|
CYIL2SC1300AA-GZDC CYIL2SM1300AA-GWCES CYIL2SM1300 |
LUPA 1300-2: High Speed CMOS Image Sensor
|
ON Semiconductor
|
G10768-15 |
Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
|
Hamamatsu Corporation
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
IA2008-MB20A |
MONOCHROME IMAGE SENSOR HEAD Contact Image Sensor Heads > IA-MB Series Monochrome image senseor heads for FAX
|
ROHM[Rohm]
|